PART |
Description |
Maker |
LTC1867LAIGNTRPBF LTC1863LIGNTRPBF LTC1863LIGNPBF |
16-Bit, 8-Channel 200ksps ADCs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 8-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO16 12-Bit, 8-Channel 200ksps ADCs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 8-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO16 Micropower, 3V, 12-/16-Bit, 8-Channel 175ksps ADCs
|
Linear Technology, Corp. Linear Dimensions Semiconductor
|
AHF2815D/ES-SLV AHF2815D/HB-MSTR AHF2815D/HB-SLV A |
12-Bit, 8-Channel 200ksps ADCs; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Analog IC 模拟IC
|
International Rectifier, Corp.
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
LTC2353 |
16-/18-Bit, Octal, Quad and Dual 200ksps/350ksps/550ksps/800ksps SAR ADCs
|
Linear Technology
|
MAX1267 MAX1265BEEI MAX1265BCEI MAX1265AEEI MAX126 |
3V, 6-/2 channel, 12-bit ADC with 2.5V reference and parallel interface. For hand-held portable applications, medical instruments, battery-powered test equipment 265ksps. 3V. 6-/2-Channel. 12-Bit ADCs with 2.5V Reference and Parallel Interface 265ksps / 3V / 6-/2-Channel / 12-Bit ADCs with 2.5V Reference and Parallel Interface " 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface" 265ksps 3V 6-/2-Channel 12-Bit ADCs with 2.5V Reference and Parallel Interface From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD7778AS AD7776 AD7776AR AD7777AN |
LC2MOS/ High Speed 1-/ 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs 4-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDIP28 LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs LC2MOS,高 - -
|
Analog Devices, Inc.
|
LTC1864IS8-PBF LTC1864IS8-TRPBF LTC1865IMS-PBF LTC |
µPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C μPower, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP 楼矛Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
|
LINEAR TECHNOLOGY CORP http://
|
5962-8953601YX 5962-8953604UX 5962-8953603ZX 5962- |
16-Bit, 5V, 200ksps ADC with 10µA Shutdown Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters X9热卖异步FIFO
|
Chicago Miniature Lighting, LLC
|
MAX1064BCEG MAX1064BEEG MAX1064ACEG MAX1060AEEI |
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 400ksps. 5V. 8-/4-Channel. 10-Bit ADCs with 2.5V Reference and Parallel Interface 400ksps5V/4通道10位ADC,带2.5V电压基准及并行接
|
Maxim Integrated Products, Inc.
|
MAX1036 MAX1036-MAX1039 MAX1036EKA- MAX1037 MAX103 |
2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs 2.7V.5V,低功耗,4-/12-Channel 2线串位ADC LJT 8C 8#20 PIN RECP 2.7V to 5.5V / Low-Power / 4-/12-Channel 2-Wire Serial 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|